Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download OCXO-3-0500-1-1-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pascall electronics limited westridge business park cothey way ryde, isle of wight po33 1qt uk tel +44 (0) 1983 817300 fax +44 (0) 1983 564708 email enquiries@pascall.co.uk www.pascall.co.uk electronics limited ocxo series - ultra low noise crystal oscillators 04/07 pascall ocxo series is designed to meet the increasing demand for high performance reference oscillators. oven-controlled sc-cut crystals are used to give good temperature stability combined with the lowest possible phase noise. the oscillators are available with either mechanical or electrical tuning, with the option of a low noise reference voltage output to allow the oscillator to be tuned using an external potentiometer. emrise emrise electronics electronics a subsidiary of emrise electronics outline drawing
electronics limited ocxo series - ultra low noise crystal oscillators 50 - 130mhz +/- 6 x 10 0 - 10v, positive slope -30 to 70oc: +/- 2 x 10 0.5 x 10 after 30 days 13dbm 2db, 50 ? -20db c +12v +/-5% steady state 2.5w, warm-up 5w (<5 mins) sma jack 51.0 x 51.0 x 19.0mm reference voltage output - 10.6v nominal (source impedance 10k ? in parallel with 10 f) mechanical tuning +/-6 x 10 supply voltage +15v 5% frequency range tuning range tune voltage temperature stability aging/ year output power harmonics phase noise for 100mhz unit supply voltage power consumption at 25oc rf output connector dimensions options ordering information -6 -6 -6 -7 minimum guaranteed performance ocxo-a-xxxx-y-z-a ocxo supply voltage , 0= 12v and 1=15v output frequency to 1 decimal place reference voltage output 1 = yes 0 = no tuning 1 = mechanical 0 = electrical to summarise: a part number depicted as follows: ocxo-1-0975 this shows an ocxo with level 1 performance, 97.5mhz frequency, with reference voltage output, tuning = mechanical and 12v operation. for any other performance levels, please consult the factory 100hz 1khz 10khz offsets level 5 level 4 level 3 level 2 level 1 -120 -125 -130 -132 -135 -150 -155 -158 -160 -162 -174 dbc/hz -175 dbc/hz -176 dbc/hz -176 dbc/hz -176 dbc/hz performance level errors and omissions excepted


▲Up To Search▲   

 
Price & Availability of OCXO-3-0500-1-1-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X